Part Number Hot Search : 
PP1DC CT1G0 BB131 EPA368 2SK30181 IS93C76A CMD5D11 1N1N1G
Product Description
Full Text Search
 

To Download LMBT3904LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. LMBT3904LT1-1/7 1 3 2 LMBT3904LT1 2 emitter 3 collector 1 base sot?23 maximum ratings rating symbol v alue unit collector?emitter voltage v ceo 40 vdc collector?base voltage v cbo 60 vdc emitter?base voltage v ebo 6.0 vdc collector current ? continuous i c 200 madc thermal characteristics characteristic symbol max unit total device dissipation fr? 5 board, (1) p d 225 mw t a = 25c derate above 25c 1.8 mw/c thermal resistance, junction to ambient r ja 556 c/w total device dissipation p d 300 mw alumina substrate, (2) t a = 25c derate above 25c 2.4 mw/c thermal resistance, junction to ambient r ja 417 c/w junction and storage temperature t j ,t stg ?55 to +150 c device marking LMBT3904LT1 = 1am electrical characteristics (t a = 25c unless otherwise noted.) characteristic symbol min max unit off characteristics collector?emitter breakdown voltage(3) v (br)ceo 40 ? vdc (i c = 1.0 madc) collector?base breakdown voltage v (br)cbo 60 ? vdc (i c = 10 adc) emitter?base breakdown voltage v (br)ebo 6.0 ? vdc (i e = 10 adc) base cutoff current i bl ? 50 nadc ( v ce = 30 vdc, v eb = 3.0 vdc, ) collector cutoff current i cex ? 50 nadc ( v ce = 30vdc, v be = 3.0vdc ) 1. fr?5 = 1.0 x 0.75 x 0.062 in. 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. 3. pulse test: pulse width < 300 s, duty cycle < 2.0%. ? pb?free package may be available. the g?suffix denotes a pb?free lead finish device package shipping LMBT3904LT1 sot?23 3000/tape & reel LMBT3904LT1g sot?23 3000/tape & reel general purpose transistor ordering information
leshan radio company, ltd. LMBT3904LT1-2/7 LMBT3904LT1 electrical characteristics (t a = 25c unless otherwise noted) (continued) characteristic symbol min max unit on characteristics (3) dc current gain(1) h fe ?? (i c =0.1 madc, v ce =1.0 vdc) 40 ?? (i c = 1.0 madc, v ce = 1.0 vdc) 70 ?? (i c = 10 madc, v ce = 1.0 vdc) 100 300 (i c = 50madc, v ce = 1.0vdc) 60 ?? (i c = 100madc, v ce =1.0 vdc) 30 ?? collector?emitter saturation voltage v ce(sat) vdc (i c = 10 madc, i b = 1.0 madc)(3) ?? 0.2 (i c = 50 madc, i b = 5.0madc) ?? 0.3 base?emitter saturation voltage(3) v be(sat) vdc (i c = 10 madc, i b = 1.0madc) 0.65 0.85 (i c = 50madc, i b = 5.0madc ) ?? 0.95 small?signal characteristics current?gain ? bandwidth product f t 300 ?? mhz (i c = 10madc, v ce = 20vdc, f = 100mhz) output capacitance (v cb = 5.0vdc, i e = 0, f = 1.0 mhz) c obo ?? 4.0 pf input capacitance c ibo ?? 8.0 pf (v be = 0.5vdc, i c = 0, f = 1.0 mhz) input impedancen h ie 1.0 10 pf (v ce = 10vdc, i c = 1.0madc, f = 1.0 khz) voltage feedback ratio h re 0.5 8.0 x10 ?4 (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) small?signal current gain h fe 100 400 ? (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) output admittance h oe 1.0 40  mhos (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) noise figure nf ? 5.0 db (v ce = 5.0 vdc, i c = 100 adc, r s = 1.0 k  , f = 1.0 khz) switching characteristics delay time (v cc = 3.0 vdc,v be = ?0.5vdc t d ?35 ns rise time i c = 10 madc, i b1 = 1.0madc) t r ?35 storage time (v cc = 3.0vdc, t s ? 200 fall time i c = 10 madc,i b1 = i b2 = 10 madc) t f ?50 ns 3. pulse test: pulse width < 300 s, duty cycle < 2.0%.
leshan radio company, ltd. LMBT3904LT1-3/7 LMBT3904LT1 figure 1. delay and rise time equivalent test circuit +3 v 275 10 k 1n916 c s < 4 pf* +3 v 275 10 k c s < 4 pf* < 1 ns ?0.5 v +10.9 v 300 ns duty cycle = 2% < 1 ns ?9.1 +10.9 v duty cycle = 2% t 1 0 10 < t 1 < 500 s * total shunt capacitance of test jig and connectors figure 2. storage and fall time equivalent test circuit typical transient characteristics reverse bias voltage (volts) figure 3. capacitance i c , collector current (ma) figure 4. charge data q, charge (pc) capacitance (pf) v cc = 40 v i c /i b = 10 q t q a c ibo c obo t j = 25c t j = 125c 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 40 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 10 7.0 5.0 3.0 2.0 1.0 5000 3000 2000 1000 700 500 300 200 100 70 50
leshan radio company, ltd. LMBT3904LT1-4/7 LMBT3904LT1 i c , collector current (ma) figure 5. turn?on time i c , collector current (ma) figure 6. rise time i c , collector current (ma) figure 7. storage time i c , collector current (ma) figure 8. fall time typical audio small?signal characteristics noise figure variations (v ce = 5.0 vdc, t a = 25c, bandwidth = 1.0 hz) t r , rise time (ns) t f , , fall time (ns) v cc = 40 v i c /i b = 10 f, frequency (khz) figure 9. nf, noise figure (db) f = 1.0 khz v cc = 40 v i b1 = i b2 i c /i b = 20 i c /i b = 10 i c /i b = 10 t r @ v cc = 3.0 v t d @ v ob = 0 v 40 v 15 v 2.0 v i c /i b =10 i c /i b =20 i c /i b =10 i c /i b =20 t ? s = t s ?1 /8 t f i b1 = i b2 i c = 1.0 ma i c = 0.5 ma i c = 50 a i c = 100 a source resistance=200 ? i c = 1.0 ma source resistance =200 ? i c = 0.5 ma source resistance=500 ? i c = 100 a source resistance =1.0k i c = 50 a r s , source resistance (k ? ) figure 10. 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 500 300 200 100 70 50 30 20 10 7 5 time (ns) t ? s , storage time (ns) 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 500 300 200 100 70 50 30 20 10 7 5 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 500 300 200 100 70 50 30 20 10 7 5 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 500 300 200 100 70 50 30 20 10 7 5 0.1 0.2 0.4 1.0 2.0 4.0 10 20 40 100 12 10 8 6 4 2 0 0.1 0.2 0.4 1.0 2.0 4.0 10 20 40 100 14 12 10 8 6 4 2 0 nf, noise figure (db)
leshan radio company, ltd. LMBT3904LT1-5/7 h parameters (v ce = 10 vdc, f = 1.0 khz, t a = 25c) v ce = 1.0 v LMBT3904LT1 typical static characteristics i c , collector current (ma) figure 11. current gain i c , collector current (ma) figure 12. output admittance i c , collector current (ma) figure 13. input impedance i c , collector current (ma) figure 14. voltage feedback ratio i c , collector current (ma) figure 15. dc current gain h fe , current h oe , output admittance ( mhos) h re , voltage feedback ratio (x 10 ?4 ) h ie , input impedance (k ? ) h fe , dc current gain (normalized) t j = +125c +25c ?55c 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 300 200 100 70 50 30 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 100 50 20 10 5 2 1 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 10 5.0 2.0 1.0 0.5 0.2 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 2.0 1.0 0.7 0.5 0.3 0.2 0.1
leshan radio company, ltd. LMBT3904LT1-6/7 LMBT3904LT1 i b , base current (ma) figure 16. collector saturation region i c , collector current (ma) figure 17. ?on? voltages i c , collector current (ma) figure 18. temperature coefficients v ce , collector emitter voltage (volts) v, voltage (volts) coefficient(mv/c) 1.0 2.0 3.0 5.0 10 20 50 100 200 1.2 1.0 0.8 0.6 0.4 0.2 0 0.01 0.02 0.03 0.05 0.07 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 1.0 0.8 0.6 0.4 0.2 0 i c = 1.0 ma t j = 25c 10 ma 30 ma 100 ma t j = 25c v be(sat) @ i c /i b =10 v ce(sat) @ i c /i b =10 v be @ v ce =1.0 v +25c to +125c ?55c to +25c +25c to +125c ?55c to +25c vc for v ce(sat) vb for v be(sat) 0 20 40 60 80 100 120 140 160 180 200 1.0 0.5 0 ?0.5 ?1.0 ?1.5 ?2.0
d j k l a c b s h g v 12 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 pin 1. base 2. emitter 3. collector 0.031 0.8 sot-23 3 LMBT3904LT1-7/7 LMBT3904LT1 leshan radio company, ltd.


▲Up To Search▲   

 
Price & Availability of LMBT3904LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X